Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 49 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 49 Page - NEC

Back Button UPD17015 Datasheet HTML 45Page - NEC UPD17015 Datasheet HTML 46Page - NEC UPD17015 Datasheet HTML 47Page - NEC UPD17015 Datasheet HTML 48Page - NEC UPD17015 Datasheet HTML 49Page - NEC UPD17015 Datasheet HTML 50Page - NEC UPD17015 Datasheet HTML 51Page - NEC UPD17015 Datasheet HTML 52Page - NEC UPD17015 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
49
µPD17015
(2) When the BTM0CY flag is detected simultaneously with a CE reset
As described in (1), a CE reset occurs at the same time the BTM0CY flag is set (1).
Under this condition, if a read instruction is executed for the BTM0CY flag simultaneously with a CE reset, the
read instruction takes preference.
Therefore, if a BTM0CY flag read instruction occurs simultaneously with the rising edge of the BTM0CY flag set
pulse that occurs after the CE pin goes from a low to a high, a CE reset occurs when the BTM0CY flag is set
on the next cycle.
This operation is illustrated in Fig. 10-7.
Fig. 10-7 Operation That Occurs If a CE Reset Occurs Simultaneously with a BTM0CY Flag Read Instruction
H
L
H
L
1
0
SKT 1
BTM0CY
SKT 1
BTM0CY
CE reset
H
L
1
0
SKT1 BTM0CY
CE pin
BTM0CY flag
set pulse
BTM0CY flag
BTM0CY flag set pulse
BTM0CY flag
Instruction
53.3 s
If the BTM0CY flag is read
during this period, a CE
reset is deferred by one cycle.
Normally, the program starts at address 000H at this point,
but a CE reset does occur because the program to read
the BTM0CY flag also happens to run.
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com