Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 18 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 18 Page - NEC

Back Button UPD17015 Datasheet HTML 14Page - NEC UPD17015 Datasheet HTML 15Page - NEC UPD17015 Datasheet HTML 16Page - NEC UPD17015 Datasheet HTML 17Page - NEC UPD17015 Datasheet HTML 18Page - NEC UPD17015 Datasheet HTML 19Page - NEC UPD17015 Datasheet HTML 20Page - NEC UPD17015 Datasheet HTML 21Page - NEC UPD17015 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
18
µPD17015
4. DATA MEMORY (RAM)
4.1
OUTLINE OF DATA MEMORY
Fig. 4-1 outlines the data memory.
As shown in Fig. 4-1, the data memory consists of a general-purpose data memory, system registers, data buffer,
general-purpose registers, LCD segment registers, port registers, and peripheral control registers.
The data memory is used to store data, transfer data to and from peripheral hardware, set peripheral hardware
condition, set display data, transfer data to and from ports, and control the CPU.
Fig. 4-1 Outline of Data Memory
0
0
1
2
3
4
5
6
7
123456
7
8
9
A
B
C
D
E
F
LCD
Column address
Peripheral hardware
Peripheral hardware
Used as the general-purpose register
Data buffer (DBF)
Data memory
System register
Port
Setting condition
Data transfer
Data transfer
Peripheral control register
LCD segment register
Port register
4.2
CONFIGURATION AND FUNCTIONS OF DATA MEMORY
Fig. 4-2 shows the configuration of the data memory.
As shown in Fig. 4-2, the data memory consists of 128 nibbles made up of row addresses 0H to 7H by column
addresses 0H to FH.
The data memory is divided into the functional blocks described in Sections 4.2.1 through 4.2.7.
By using data memory manipulation instructions, 4-bit operations, comparison, decision, and transfer operation
can be performed for the data memory. Table 4-1 indicates the data memory manipulation instructions.
4.2.1
System Register (SYSREG)
A system register, allocated to addresses 74H to 7FH, directly controls the CPU. With the
µPD17015, only
PSWORD (program status word: addresses 7EH and 7FH) can be manipulated.
See Chapter 5 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com