Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 96 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 96 Page - NEC

Back Button UPD17015 Datasheet HTML 92Page - NEC UPD17015 Datasheet HTML 93Page - NEC UPD17015 Datasheet HTML 94Page - NEC UPD17015 Datasheet HTML 95Page - NEC UPD17015 Datasheet HTML 96Page - NEC UPD17015 Datasheet HTML 97Page - NEC UPD17015 Datasheet HTML 98Page - NEC UPD17015 Datasheet HTML 99Page - NEC UPD17015 Datasheet HTML 100Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
96
µPD17015
15.3.2
CE Reset When Clock-Stop (STOP s Instruction) Used
Fig. 15-5 shows the reset operation when clock-stop is used.
When clock-stop is used, the IRES, RES and RESET signals are output at the time the “STOP s” instruction is
executed.
Since the IRES signal is output continuously while the CE pin is low level, release by the BTM0CY flag is forcibly
halted.
Since the clock itself stops, the device stops operating.
When the CE pin rises to high level, the clock-stop state is released and oscillation begins.
The IRES signal halts release by the BTM0CY flag. When the pulse used for setting the BTM0CY flag rises after
the CE pin rises, the halt state is released and the program starts from address 0.
Fig. 15-5 CE Reset Operation When Clock-Stop Used
3.0 V
0 V
H
L
H
L
H
L
H
L
H
L
H
L
Normal operation
Clock-stop state
XOUT
VDD
CE
BTM0CY flag
set pulse
IRES
RES
RESET
CE reset
Program starts from address 0.
Clock stop release
Oscillation start
STOP s instruction
Halt state
125 ms
15.3.3
Cautions at CE Reset
When CE reset is used, careful attention must be given to points (1) and (2) below regardless of the instruction
being executed.
(1) Time required for clock and other timer processing
When writing a clock program by using basic timer 0 and basic timer 1 interrupts, the program must end processing
within a certain time.
For details, see Section 10.2.5.
(2) Processing of data, flags, etc. used in the program
Care must be exercised when rewriting the contents of data, flags, etc. that cannot be processed by one instruction
so that the contents do not change even when CE reset is applied.
Examples are given below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com