Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 92 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 92 Page - NEC

Back Button UPD17015 Datasheet HTML 88Page - NEC UPD17015 Datasheet HTML 89Page - NEC UPD17015 Datasheet HTML 90Page - NEC UPD17015 Datasheet HTML 91Page - NEC UPD17015 Datasheet HTML 92Page - NEC UPD17015 Datasheet HTML 93Page - NEC UPD17015 Datasheet HTML 94Page - NEC UPD17015 Datasheet HTML 95Page - NEC UPD17015 Datasheet HTML 96Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
92
µPD17015
15.2
POWER-ON RESET
Power-on reset is executed by raising VDD from a certain voltage (called the power-on clear voltage) or less.
When VDD is less than the power-on clear voltage, the power-on clear signal (POC) is output from the voltage
detection circuit shown in Fig. 15-1.
When the power-on clear signal is output, the crystal oscillation circuit stops and the device stops operating.
While the power-on clear signal is being output, the IRES, RES and RESET signals are output.
When VDD exceeds the power-on clear voltage, the power-on clear signal is dropped and crystal oscillation starts.
At the same time, the IRES, RES and RESET signals are also dropped.
Since the IRES signal halts release by the BTM0CY flag, power-on reset is applied at the rising edge of the next
BTM0CY flag setting signal.
This operation is shown in Fig. 15-2.
At power-on reset, the program counter, stack, system register and control registers are initialized when the power-
on clear signal is output. For the initial values, see the relevant items.
In the CPU operation and clock-stop state, the power-on clear voltage is 1.8 V (rated value).
Caution The power-on clear voltage varies with the CPU operating temperature, as follows:
TA = –10 to +50
°C: 1.8 V
TA = –20 to +50
°C: 1.9 V
Fig. 15-2 Power-On Reset Operation
3.0 V
0 V
H
L
H
L
H
L
H
L
H
L
H
L
Normal operation
Device operation stopped
XOUT
VDD
CE
BTM0CY flag
set pulse
IRES
RES
RESET
Power-on reset
Program starts from address 0
H
L
Power-on clear signal
Power-on clear release
Oscillation start
Halt state
125 ms
Power-on clear voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com