Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 84 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 84 Page - NEC

Back Button UPD17015 Datasheet HTML 80Page - NEC UPD17015 Datasheet HTML 81Page - NEC UPD17015 Datasheet HTML 82Page - NEC UPD17015 Datasheet HTML 83Page - NEC UPD17015 Datasheet HTML 84Page - NEC UPD17015 Datasheet HTML 85Page - NEC UPD17015 Datasheet HTML 86Page - NEC UPD17015 Datasheet HTML 87Page - NEC UPD17015 Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
84
µPD17015
Fig. 14-3 Clock-Stop Release by CE Reset
3.0 V
0 V
VDD
H
L
H
L
CE pin
XOUT pin
STOP s instruction
Approx. 125 ms
Program starts at address 0
(CE reset)
3.0 V
0 V
VDD
H
L
H
L
CE pin
XOUT pin
If a clock-stop instruction is not used, operation is as follows:
0-tSET
Program starts at address 0
(CE reset)
CE reset is applied in synchronization
with the setting of the BTM0CY flag
after the CE pin has been raised to high level.
14.3.4
Clock-Stop Release by Power-On Reset
Fig. 14-4 shows the clock-stop release by power-on reset.
If the clock-stop state is released by power-on reset, the power failure detection circuit operates.
Fig. 14-4 Clock-Stop Release by Power-On Reset (TA = –10 to +50
°C)
3.0 V
0 V
VDD
H
L
H
L
CE pin
XOUT pin
STOP s instruction
Approx. 125 ms
Program starts at address 0
(power-on reset)
3.0 V
0 V
VDD
H
L
H
L
CE pin
XOUT pin
If a clock-stop instruction is not used, operation is as follows:
Approx. 125 ms
Program starts at address 0
(power-on reset)
Oscillation stopped
1.8 V
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com