Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 4 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 4 Page - NEC

  UPD17015 Datasheet HTML 1Page - NEC UPD17015 Datasheet HTML 2Page - NEC UPD17015 Datasheet HTML 3Page - NEC UPD17015 Datasheet HTML 4Page - NEC UPD17015 Datasheet HTML 5Page - NEC UPD17015 Datasheet HTML 6Page - NEC UPD17015 Datasheet HTML 7Page - NEC UPD17015 Datasheet HTML 8Page - NEC UPD17015 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
4
µPD17015
PIN CONFIGURATION (TOP VIEW)
38-pin plastic shrink SOP (300 mil)
P0B2
P0C0
P0C1
P0C2
P0C3
P0D0/BEEP
P0A0
P0A1
P0A2
P0A3
CE
XOUT
XIN
VDD
GND
EO
VREG
VCOH
VCOL
P0B1
P0B0
VLCD0
CAP0
CAP1
VLCD1
COM0
COM1
COM2
COM3
LCD0
LCD1
LCD2
LCD3
LCD4
LCD5
LCD6
LCD7
LCD8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
BEEP
:
BEEP output
P0B0 - P0B2
:
Port 0B (input)
CAP0, CAP1
:
Capacitor connection for LCD
P0C0 - P0C3
:
Port 0C (output)
drive voltage
P0D0
:
Port 0D (output)
CE
:
Chip enable input
VCOH, VCOL :
Local oscillation input
COM0 - COM3:
LCD common output
VDD
:
Main power supply
EO
:
Error out
VLCD0, VLCD1
:
LCD power supply
GND
:
Ground
VREG
:
Voltage regulator output for PLL
LCD0 - LCD8 :
LCD segment output
XIN, XOUT
:
Crystal connection
P0A0, P0A1
:
Port 0A (I/O)
P0A2, P0A3
:
Port 0A (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com