Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 69 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 69 Page - NEC

Back Button UPD17015 Datasheet HTML 65Page - NEC UPD17015 Datasheet HTML 66Page - NEC UPD17015 Datasheet HTML 67Page - NEC UPD17015 Datasheet HTML 68Page - NEC UPD17015 Datasheet HTML 69Page - NEC UPD17015 Datasheet HTML 70Page - NEC UPD17015 Datasheet HTML 71Page - NEC UPD17015 Datasheet HTML 72Page - NEC UPD17015 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
69
µPD17015
13.3
LCD SEGMENT REGISTER
The LCD segment register sets the data indicating the LCD segments to be turned on or off.
Fig. 13-3 shows the configuration and position of the LCD segment register in data memory.
The LCD segment register exists in data memory and can, therefore, be controlled by all data memory manipulation
instructions.
One nibble of the LCD segment register sets the display data (turn-on/off data) for four segments. When a bit
of the segment register is set to 1, the corresponding LCD segment is lit. When the bit is set to 0, the segment is
not lit.
Fig. 13-4 indicates the relationship between the LCD segment register and LCD segments, together with display
examples.
Fig. 13-3 Configuration of LCD Segment Register in Data Memory
0123456789A
B
C
D
E
F
0
1
2
3
4
5
6
7
61H
62H
63H
64H
65H
66H
67H
68H
69H
LCDD8
LCDD8
LCDD7
LCDD6
LCDD5
LCDD4
LCDD3
LCDD2
LCDD1
LCDD0
b
3
b
2
b
1
b
0
Column address
Data memory
LCD segment register
LCD segment register
System register
Address
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com