Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 87 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 87 Page - NEC

Back Button UPD17015 Datasheet HTML 83Page - NEC UPD17015 Datasheet HTML 84Page - NEC UPD17015 Datasheet HTML 85Page - NEC UPD17015 Datasheet HTML 86Page - NEC UPD17015 Datasheet HTML 87Page - NEC UPD17015 Datasheet HTML 88Page - NEC UPD17015 Datasheet HTML 89Page - NEC UPD17015 Datasheet HTML 90Page - NEC UPD17015 Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
87
µPD17015
Table 14-1 Device Operation in Halt State and Clock-Stop State
STOP instruction
invalid (NOP)
Notes 1. For the value that is initialized, see Chapter 5.
2. For the value that is initialized, see each section.
14.5
PIN PROCESSING CAUTIONS IN HALT STATE AND CLOCK-STOP STATE
The halt state is used to reduce the supply current when only the clock is operating.
The clock-stop function is used to reduce the supply current for holding only the data memory.
Consequently, the supply current must be reduced as much as possible in the halt and clock-stop states.
The supply current depends on the state of each pin and the cautions shown in Table 14-2 must be observed.
State
Peripheral hardware
CE pin: High level
CE pin: Low level
At halt
At clock-stop
At halt
At clock-stop
Program counter
Stopped at HALT
Stopped at HALT
Initialized to 0000H
instruction address.
instruction address.
and stopped.
System register
InitializedNote 1
Peripheral hardware register
Held
Held
Held
Peripheral control register
InitializedNote 2
Basic timer
Normal operation
PLL frequency synthesizer
Disabled
Operation stopped
BEEP
LCD controller/driver
Normal operation
General-purpose I/O port
Normal operation
Input port
General-purpose input port
Input port
General-purpose output port
Held



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com