Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 71 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 71 Page - NEC

Back Button UPD17015 Datasheet HTML 67Page - NEC UPD17015 Datasheet HTML 68Page - NEC UPD17015 Datasheet HTML 69Page - NEC UPD17015 Datasheet HTML 70Page - NEC UPD17015 Datasheet HTML 71Page - NEC UPD17015 Datasheet HTML 72Page - NEC UPD17015 Datasheet HTML 73Page - NEC UPD17015 Datasheet HTML 74Page - NEC UPD17015 Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 120 page
background image
71
µPD17015
13.4
TIMING CONTROL BLOCKS FOR OUTPUTTING COMMON SIGNAL AND SEGMENT SIGNAL
Fig. 13-5 shows the configuration of the timing control blocks for outputting the common signal and segment signal.
The common signal output timing control block controls the timing of the common signal output on pins COM0 to
COM3.
The segment signal output timing control block controls the timing of the segment signal output on pins LCD0 to
LCD8.
The common signal and segment signal are output when the LCDEN flag of the LCD enable register is set to 1.
Setting the LCDEN flag to 0 turns off the entire LCD display. (See Fig. 13-6.)
When the LCD display is turned off, the signals output from pins COM0 to COM3 and pins LCD0 to LCD8 are held
low.
Fig. 13-5 Configuration of Timing Control Blocks for Outputting Common Signal and Segment Signal
b
0
LCD
0
LCD
8
b
1
b
2
b
3
LCDD0
LCDD8
|
|
COM
0
COM
3
|
Segment
signal
Common
signal
Segment signal
output timing
control block
Basic clock for
timing control
LCDEN flag
Common signal
output timing
control block
Fig. 13-6 Configuration and Functions of LCD Enable Register
b
3
b
2
b
1
b
0
P
0
A
B
I
O
0
P
0
A
B
I
O
1
B
E
E
P
0
S
E
L
L
C
D
E
N
6AH
R/W
Read/write
Address
Name
0
00
00
00
00
1
CE
Hold
Power-on
Clock-stop
Flag symbol
LCD enable register
Turns the entire LCD display on or off.
Turns the display off. (The output from all the segment and common pins is held low.)
Turns the display on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com