Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 12 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 12 Page - NEC

Back Button UPD17015 Datasheet HTML 8Page - NEC UPD17015 Datasheet HTML 9Page - NEC UPD17015 Datasheet HTML 10Page - NEC UPD17015 Datasheet HTML 11Page - NEC UPD17015 Datasheet HTML 12Page - NEC UPD17015 Datasheet HTML 13Page - NEC UPD17015 Datasheet HTML 14Page - NEC UPD17015 Datasheet HTML 15Page - NEC UPD17015 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
12
µPD17015
1.3
HANDLING UNUSED PINS
When connecting unused pins, the following conditions and handling are recommended:
Table 1-1 Handling Unused Pins
Pin
I/O type
Recommended handling when unused
Port pin
P0B0-P0B2
Input
Connect each pin to ground through a resistorNote 1.
P0C0-P0C3
CMOS push-pull output
Leave open.
P0D0/BEEP
P0A2, P0A3
P0A0, P0A1
I/ONote 2
Set these pins to input mode by software. Then,
connect each pin to VDD or ground through a
resistorNote 1.
Non-port
CAP0, CAP1
—
Leave open.
pin
CE
Input
Connect to VDD through a resistorNote 1.
COM0-COM3
Output
Leave open.
EO
Output
Leave open.
LCD0-LCD8
Output
Leave open.
VCOH, VCOL
Input
Set these pins to the disabled state by software.
Then, leave these pins open.
VLCD0, VLCD1
—
Leave open.
VREG
—
Leave open.
Notes 1. When a pin is pulled up (connected to VDD through a resistor) or pulled down (connected to ground
through a resistor) outside the chip, caution is required. When using high-resistance pull-up or pull-down
resistors, the pin approaches high-impedance and the consumption (through) current increases.
Although the optimum pull-up or pull-down resistor varies with the application circuit, in general the use
of a resistor of 10 to 100 kilohms is recommended.
2. I/O port is applicable at power-on, at clock stop, at CE reset, or in input mode.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com