Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 352 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 352 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 348Page - Texas Instruments AM3874 Datasheet HTML 349Page - Texas Instruments AM3874 Datasheet HTML 350Page - Texas Instruments AM3874 Datasheet HTML 351Page - Texas Instruments AM3874 Datasheet HTML 352Page - Texas Instruments AM3874 Datasheet HTML 353Page - Texas Instruments AM3874 Datasheet HTML 354Page - Texas Instruments AM3874 Datasheet HTML 355Page - Texas Instruments AM3874 Datasheet HTML 356Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-116. CPPI DMA Scheduler Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4740 38FF - 0x4740 3FFF
-
Reserved
Table 8-117. CPPI DMA Queue Manager Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4740 4000
QMGRREVID
Queue Manager Revision
0x4740 4004
-
Reserved
0x4740 4008
DIVERSION
Queue Manager Queue Diversion
0x4740 400C - 0x4740 401F
-
Reserved
0x4740 4020
FDBSC0
Queue Manager Free Descriptor/Buffer Starvation Count 0
0x4740 4024
FDBSC1
Queue Manager Free Descriptor/Buffer Starvation Count 1
0x4740 4028
FDBSC2
Queue Manager Free Descriptor/Buffer Starvation Count 2
0x4740 402C
FDBSC3
Queue Manager Free Descriptor/Buffer Starvation Count 3
0x4740 4030
FDBSC4
Queue Manager Free Descriptor/Buffer Starvation Count 4
0x4740 4034
FDBSC5
Queue Manager Free Descriptor/Buffer Starvation Count 5
0x4740 4038
FDBSC6
Queue Manager Free Descriptor/Buffer Starvation Count 6
0x4740 403C
FDBSC7
Queue Manager Free Descriptor/Buffer Starvation Count 7
0x4740 4030 - 0x4740 407C
-
Reserved
0x4740 4080
LRAM0BASE
Queue Manager Linking RAM Region 0 Base Address
0x4740 4084
LRAM0SIZE
Queue Manager Linking RAM Region 0 Size
0x4740 4088
LRAM1BASE
Queue Manager Linking RAM Region 1 Base Address
0x4740 408C
-
Reserved
0x4740 4090
PEND0
Queue Manager Queue Pending 0
0x4740 4094
PEND1
Queue Manager Queue Pending 1
0x4740 4098
PEND2
Queue Manager Queue Pending 2
0x4740 409C
PEND3
Queue Manager Queue Pending 3
0x4740 40A0
PEND4
Queue Manager Queue Pending 4
0x4740 40A4 - 0x4740 4FFF
-
Reserved
0x4740 5000 + 16xR
QMEMRBASE0
Memory Region 0 Base Address (R ranges from 0 to 15)
0x4740 5000 + 16xR + 4
QMEMRCTRL0
Memory Region 0 Control 0 (R ranges from 0 to 15)
0x4740 5000 + 16xR + 8
-
Reserved
0x4740 5000 + 16xR + C
-
Reserved
0x4740 5010 – 0x4740 50EF
-
...
0x4740 5000 + 16xR
QMEMRBASE15
Memory Region 15 Base Address (R ranges from 0 to 15)
0x4740 5000 + 16xR + 4
QMEMRCTRL15
Memory Region 15 Control (R ranges from 0 to 15)
0x4740 5000 + 16xR + 8
-
Reserved
0x4740 5000 + 16xR + C
-
Reserved
0x4740 5080 - 0x4740 5FFF
-
Reserved
0x4740 6000 + 16xN
-
Reserved
0x4740 6000 + 16xN + 4
-
Reserved
0x4740 6000 + 16xN + 8
-
Reserved
0x4740 6000 + 16xN + C
CTRLD0
Queue N Register D (N ranges from 0 to 155)
0x4740 6010 – 0x4740 69AF
-
...
0x4740 6000 + 16xN
-
Reserved
0x4740 6000 + 16xN + 4
-
Reserved
0x4740 6000 + 16xN + 8
-
Reserved
0x4740 6000 + 16xN + C
CTRLD155
Queue N Register D (N ranges from 0 to 155)
0x4740 69B0 - 0x4740 6FFF
-
Reserved
352
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com