Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 356 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 356 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 352Page - Texas Instruments AM3874 Datasheet HTML 353Page - Texas Instruments AM3874 Datasheet HTML 354Page - Texas Instruments AM3874 Datasheet HTML 355Page - Texas Instruments AM3874 Datasheet HTML 356Page - Texas Instruments AM3874 Datasheet HTML 357Page - Texas Instruments AM3874 Datasheet HTML 358Page - Texas Instruments AM3874 Datasheet HTML 359Page - Texas Instruments AM3874 Datasheet HTML 360Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 361 page
background image
PREFIX
( ) AM3874
X = Experimental Device
P = Prototype Device
Null = Production Device
SILICON REVISION
CYE
80
( )
DEVICE
AM387x Sitara™ ARM Microprocessors (MPUs):
AM3874
AM3871
B = Revision 2.1
C = Revision 3.0
B
DEVICE SPEED RANGE
80 = 800-MHz ARM
100 = 1000-MHz ARM
TEMPERATURE RANGE
Blank = 0°C to 90°C, Commercial Temperature
A = -40°C to 105°C, Extended Temperature
PACKAGE TYPE
(A)
CYE = 684-Pin Plastic BGA, with Pb-Free Die Bump
and Solder Ball
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, CYE), the temperature range (for example, "Blank" is the default commercial
temperature range), and the device speed range, in megahertz (for example, "80" is the 800-MHz ARM
device speed range).
Figure 9-1 provides a legend for reading the complete device name for any AM387x Processors platform
member.
For device part numbers and further ordering information of AM387x devices in the CYE package type,
see the TI website (www.ti.com) or contact your TI sales representative.
For additional description of the device nomenclature markings on the die, see the AM387x Sitara™ ARM
Processors Silicon Errata (Silicon Revision 2.1) (Literature Number: SPRZ345).
A.
BGA = Ball Grid Array
B.
For actual device part numbers (P/Ns) and ordering information, see the TI website (http://www.ti.com).
C.
The TEMPERATURE RANGE values are specified over operating junction temperature.
Figure 9-1. Device Nomenclature(B)(C)
9.2
Documentation Support
The following document describes the AM387x Sitara™ ARM Processors.
SPRUGZ7
AM387x Sitara™ ARM Porcessors Technical Reference Manual.
9.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and
help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
356
Device and Documentation Support
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com