Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 358 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 358 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 353Page - Texas Instruments AM3874 Datasheet HTML 354Page - Texas Instruments AM3874 Datasheet HTML 355Page - Texas Instruments AM3874 Datasheet HTML 356Page - Texas Instruments AM3874 Datasheet HTML 357Page - Texas Instruments AM3874 Datasheet HTML 358Page - Texas Instruments AM3874 Datasheet HTML 359Page - Texas Instruments AM3874 Datasheet HTML 360Page - Texas Instruments AM3874 Datasheet HTML 361Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 358 / 361 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
20-Aug-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
AM3871CCYE100
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
0 to 90
AM3871CCYE100
AM3871CCYE80
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
0 to 90
AM3871CCYE80
AM3874BCYE100
OBSOLETE
FCBGA
CYE
684
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
0 to 90
AM3874BCYE100
AM3874BCYE80
OBSOLETE
FCBGA
CYE
684
TBD
Call TI
Call TI
0 to 90
AM3874BCYE80
AM3874CCYE100
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
0 to 90
AM3874CCYE100
AM3874CCYE80
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
0 to 90
AM3874CCYE80
AM3874CCYEA80
ACTIVE
FCBGA
CYE
684
60
Green (RoHS
& no Sb/Br)
SNAGCU
Level-4-250C-72 HR
-40 to 105
AM3874CCYEA80
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com