| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 111 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 111 Page - Texas Instruments |
|
111 / 361 page ![]() AM3874, AM3871 www.ti.com SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 3.2.18 Oscillator/PLL, Audio Reference Clocks, and Clock Generator Table 3-34. Oscillator/PLL, Audio Reference Clocks, and Clock Generator Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. CLOCK GENERATOR VIN[0]A_D[12]_BD[4]/ VIN[0]A, GP2 IPD CLKOUT1/ AG17 I/O PINCNTL152 DVDD GP2[17] DSIS: PIN GPMC_CLK/ Device Clock output 1. Can be used as a system clock GPMC_CS[5]/ GPMC, EDMA, for other devices. GPMC_WAIT[1]/ IPU TIM4, GP1 CLKOUT1/ R26 O DVDD_GPMC PINCNTL127 EDMA_EVT3/ DSIS: N/A TIM4_IO/ GP1[27] VIN[0]B_CLK/ VIN[0]B, GP1 IPD CLKOUT0/ AE17 I/O PINCNTL134 DVDD GP1[9] DSIS: PIN Device Clock output 0. Can be used as a system clock CLKIN32/ CLKIN32, TIM3, for other devices. CLKOUT0/ IPD GP3 J7 O TIM3_IO/ DVDD PINCNTL259 GP3[31] DSIS: N/A OSCILLATOR/PLL Device Crystal input. Crystal connection to internal DEVOSC_MXI/ – AH2 A I – oscillator for system clock. Functions as DEV_CLKIN DEV_CLKIN VDDA_1P8 clock input when an external oscillator is used. Device Crystal output. Crystal connection to internal – DEVOSC_MXO AH3 A O – oscillator for system clock. When device oscillator is VDDA_1P8 BYPASSED, leave this pin unconnected. Supply Ground for DEV Oscillator. If the internal VSSA_DEVOSC AG3 GND oscillator is bypassed, DEVOSC_VSS should be connected to ground (VSS). Auxiliary Crystal input [Optional Audio/Video Reference AUXOSC_MXI/ – Crystal Input]. Crystal connection to internal oscillator R1 A I – AUX_CLKIN VDDA_1P8 for auxiliary clock. Functions as AUX_CLKIN clock input when an external oscillator is used. Auxiliary Crystal output [Optional Audio/Video – AUXOSC_MXO T1 A O – Reference Crystal Output]. When auxiliary oscillator is VDDA_1P8 BYPASSED, leave this pin unconnected. Supply Ground for AUX Oscillator. If the internal VSSA_AUXOSC R2 GND oscillator is bypassed, AUXOSC_VSS should be connected to ground (VSS). CLKIN32/ CLKOUT0, CLKOUT0/ IPD TIMER 3, GP3 RTC Clock input. Optional 32.768 KHz clock for RTC J7 I TIM3_IO/ DVDD PINCNTL259 reference. GP3[31] DSIS: PIN DEVOSC_WAKE/ SPI[1], TIMER 5, SPI[1]_SCS[1]/ IPU GP1 W6 I Oscillator Wake-up input. TIM5_IO/ DVDD_SD PINCNTL7 GP1[7] DSIS: 1 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 111 Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |