Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 109 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 105Page - Texas Instruments AM3874 Datasheet HTML 106Page - Texas Instruments AM3874 Datasheet HTML 107Page - Texas Instruments AM3874 Datasheet HTML 108Page - Texas Instruments AM3874 Datasheet HTML 109Page - Texas Instruments AM3874 Datasheet HTML 110Page - Texas Instruments AM3874 Datasheet HTML 111Page - Texas Instruments AM3874 Datasheet HTML 112Page - Texas Instruments AM3874 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-33. SPI 3 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[0]_AVID/
VOUT[0], TIMER
VOUT[0]_FLD/
7, GP2
IPD
SPI[3]_SCLK/
AA10
I/O
PINCNTL179
DVDD
TIM7_IO/
DSIS: 1
GP2[21]
MM: MUX2
VOUT[0],
VOUT[1]_R_CR[5]/
EMAC[1],
EMAC[1]_MTXD[4]/
IPD
VIN[1]A, GP3
VIN[1]A_D[16]/
AC26
I/O
DVDD
PINCNTL223
SPI Clock I/O
SPI[3]_SCLK/
DSIS: 1
GP3[15]
MM: MUX1
VIN[0]A,
VIN[0]A_D[21]/
CAMERA_I/F,
CAM_D[13]/
IPD
EMAC[1], GP0
EMAC[1]_RMTXD[0]/
AE18
I/O
DVDD_C
PINCNTL161
SPI[3]_SCLK/
DSIS: 1
GP0[15]
MM: MUX0
EMAC[0]_MTCLK/
EMAC[0],
EMAC[0]_RGRXC/
VIN[1]B, I2C[2],
VIN[1]B_D[0]/
IPD
L24
I/O
GP3
SPI[3]_SCS[3]/
DVDD
PINCNTL235
I2C[2]_SDA/
DSIS: 1
GP3[23]
EMAC[0]_MRCLK/
EMAC[0]_RGTXC/
EMAC[0],
VIN[1]B_D[4]/
IPD
VIN[1]B, GP3
H27
I/O
EMAC[0]_RMCRSDV/
DVDD_GPMC
PINCNTL239
SPI[3]_SCS[2]/
DSIS: 1
GP3[27]
SPI Chip Select I/O
VOUT[1]_R_CR[4]/
VOUT[1].
EMAC[1]_MTXD[3]/
EMAC[1],
IPD
VIN[1]A_D[15]/
AG27
I/O
VIN[1]A, GP3
DVDD
SPI[3]_SCS[1]/
PINCNTL222
GP3[14]
DSIS: 1
VIN[0]A,
VIN[0]A_D[20]/
CAMERA,_I/F,
CAM_D[12]/
IPD
EMAC[1]_RM,
EMAC[1]_RMCRSDV/
AC17
I/O
DVDD_C
GP0
SPI[3]_SCS[0]/
PINCNTL160
GP0[14]
DSIS: 1
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
109
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com