Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 101Page - Texas Instruments AM3874 Datasheet HTML 102Page - Texas Instruments AM3874 Datasheet HTML 103Page - Texas Instruments AM3874 Datasheet HTML 104Page - Texas Instruments AM3874 Datasheet HTML 105Page - Texas Instruments AM3874 Datasheet HTML 106Page - Texas Instruments AM3874 Datasheet HTML 107Page - Texas Instruments AM3874 Datasheet HTML 108Page - Texas Instruments AM3874 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
3.2.17 SPI
Table 3-30. SPI 0 Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
IPU
–
SPI[0]_SCLK
AC7
I/O
SPI Clock I/O
DVDD
PINCNTL82
UART0_DCD/
UART3_RXD/
UART0, UART3,
SPI[0]_SCS[3]/
IPU
I2C[2], SD1, GP1
AH4
I/O
I2C[2]_SCL/
DVDD
PINCNTL74
SD1_POW/
DSIS: PIN
GP1[2]
UART0_DSR/
UART3_TXD/
UART0, UART3,
SPI[0]_SCS[2]/
IPU
I2C[2], SD1, GP1
AG4
I/O
I2C[2]_SDA/
DVDD
PINCNTL75
SPI Chip Select I/O
SD1_SDWP/
DSIS: PIN
GP1[3]
SPI[0]_SCS[1]/
SD1, SATA,
SD1_SDCD/
EDMA, TIMER4,
SATA_ACT0_LED/
IPU
AE5
I/O
GP1
EDMA_EVT1/
DVDD
PINCNTL80
TIM4_IO/
DSIS: PIN
GP1[6]
IPU
–
SPI[0]_SCS[0]
AD6
I/O
DVDD
PINCNTL81
IPU
–
SPI[0]_D[1]
AF3
I/O
DVDD
PINCNTL83
SPI Data I/O. Can be configured as either MISO or MOSI
IPU
–
SPI[0]_D[0]
AE3
I/O
DVDD
PINCNTL84
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
105
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com