Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 137Page - Texas Instruments AM3874 Datasheet HTML 138Page - Texas Instruments AM3874 Datasheet HTML 139Page - Texas Instruments AM3874 Datasheet HTML 140Page - Texas Instruments AM3874 Datasheet HTML 141Page - Texas Instruments AM3874 Datasheet HTML 142Page - Texas Instruments AM3874 Datasheet HTML 143Page - Texas Instruments AM3874 Datasheet HTML 144Page - Texas Instruments AM3874 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
3.2.26 Supply Voltages
Table 3-49. Supply Voltages Terminal Functions
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
VREFSSTL_DDR[0]
G15
S
Reference Power Supply DDR[0]
VREFSSTL_DDR[1]
G14
S
Reference Power Supply DDR[1]
CVDD
K9, K10,
S
Variable Voltage Supply for the CORE_L Core Logic Voltage
K12, K18, L9,
Domain
L10, L11,
For actual voltage supply ranges, see Section 6.2, Recommended
L12, L14,
Operating Conditions.
L15, L17,
L19, M10,
M12, M13,
M14, M16,
M18, N9,
N13, N14,
N17, N19,
P12, P14,
P16, R15,
R17, R19,
T12, U11,
U13, U17,
U19, W11
CVDD_ARM
T14, T15,
S
Variable Voltage Supply for the ARM_L Core Logic Voltage
T16, U15,
Domain
U16, V15,
For actual voltage supply ranges, see Section 6.2, Recommended
V16
Operating Conditions.
DVDD
M8, N7, P8,
S
3.3 V/1.8 V Power Supply for General I/Os
T7, U21,
U22,
V20,Y11,
Y16, AA15,
AA17, AB14,
AB16
DVDD_GPMC
K20, L21,
S
3.3 V/1.8 V Power Supply for GPMC I/Os (that is, GPMC, SD2,
M20
and so forth)
DVDD_GPMCB
P20, T20
S
3.3 V/1.8 V Power Supply for GPMCB I/Os
DVDD_SD
P7, P9
S
3.3 V/1.8 V Power Supply for MMC/SD/SDIO I/Os (specifically,
SD0, SD1, and pin W6)
DVDD_DDR[0]
E20, E21,
S
1.5 V/1.8 V Power Supply for DDR[0] I/Os
G16, H16,
H17, J15,
J16, J17, J18
DVDD_DDR[1]
E8, E9, G13,
S
1.5 V/1.8 V Power Supply for DDR[1] I/Os
H12, H13,
H14, J10,
J11, J13
DVDD_M
R10
S
1.8 V Power Supply . For proper device operation, this pin must
always be connected to a 1.8-V Power Supply.
DVDD_C
W19, W20
S
3.3 V/1.8 V Power Supply for Camera I/F I/Os
VDDA_ARMPLL_1P8
R13
S
1.8 V Analog Power Supply for PLL_ARM and PLL_SGX
VDDA_VID0PLL_1P8
AB18
S
1.8 V Analog Power Supply for PLL_VIDEO0
VDDA_VID1PLL_1P8
AA18
S
1.8 V Analog Power Supply for PLL_VIDEO1
VDDA_AUDIOPLL_1P8
R18
S
1.8 V Analog Power Supply for PLL_AUDIO
VDDA_DDRPLL_1P8
H15
S
1.8 V Analog Power Supply for PLL_DDR
VDDA_L3PLL_1P8
N18
S
1.8 V Analog Power Supply for PLL_L3, PLL_HDVPSS, and
PLL_MEDIACTL
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
141
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com