| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 143 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 143 Page - Texas Instruments |
|
143 / 361 page ![]() AM3874, AM3871 www.ti.com SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 3.2.27 Ground Pins (VSS) Table 3-50. Ground Terminal Functions SIGNAL TYPE(1) OTHER DESCRIPTION NAME NO. VSS A1, A12, GND Ground (GND) A17, A28, D9, D20, J12, J14, J19, K11, K13, K14, K15, K16, K17, K19, L8, L13, L16, L22, M9, M15, M17, M19, M21, N8, N12, N15, N16, N20, N21, N22, P13, P15, P17, P19, P21, R8, R9, R12, R14, R16, R21, R22, T8, T9, T13, T17, T18, T19, T21, T22, U12, U14, U18, U20, V7, V9, V11, V17, V19, V21, W12, W16, W17, Y1, Y2, Y10, Y12, Y15, Y17, Y18, Y19, AA14, AA16, AD21, AE1, AE2, AE9, AE20, AF23, AG1, AH1, AH28 VSSA_VDAC AA19 GND Analog GND for VDAC. For proper device operation, this pin must always be connected to ground, even if the VDAC is not being used. VSSA_HDMI V18 GND Analog GND for HDMI For proper device operation, this pin must always be connected to ground, even if the HDMI is not being used. VSSA_USB V12, V13 GND Analog GND for USB0 and USB1. For proper device operation, this pin must always be connected to ground, even if USB0 and USB1 are not being used. VSSA_DEVOSC AG3 GND Ground for Device Oscillator VSSA_AUXOSC R2 GND Ground for Auxiliary Oscillator (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 143 Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |