Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 174Page - Texas Instruments AM3874 Datasheet HTML 175Page - Texas Instruments AM3874 Datasheet HTML 176Page - Texas Instruments AM3874 Datasheet HTML 177Page - Texas Instruments AM3874 Datasheet HTML 178Page - Texas Instruments AM3874 Datasheet HTML 179Page - Texas Instruments AM3874 Datasheet HTML 180Page - Texas Instruments AM3874 Datasheet HTML 181Page - Texas Instruments AM3874 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 361 page
background image
3.3 V Supplies
(DVDD, DVDD_x, DVDD_C, VDDA_x_3P3)
1.8 V Supplies
(DVDD, DVDD_x, DVDD_M, VDDA_x_1P8,
VDDA_1P8
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Figure 7-2. Power-Down Sequence
Figure 7-3. 1.8 V Supplies Falling Before 3.3 V Supplies Delta
7.2.9
Power-Supply Decoupling
7.2.9.1
Analog and PLL
PLL and Analog supplies benefit from filters or ferrite beads to keep the noise from causing problems. The
minimum recommendation is a ferrite bead along with at least one capacitor on the device side of the
bead. An additional recommendation is to add one capacitor just before the bead to form a Pi filter. The
filter needs to be as close as possible to the device pin, with the device side capacitor being the most
important component to be close to the device pin. PLL pins close together can be combined on the same
supply, but analog pins should all have their own filters. PLL pins farther away from each other may need
their own filtered supply.
7.2.9.2
Digital
Recommended capacitors for power supply decoupling are all 0.1uF in the smallest body size that can be
used. Capacitors are more effective in the smallest physical size to limit lead inductance. For example,
0201 sized capacitors are better than 0402 sized capacitors, and so on. TI recommends using capacitors
no larger than 0402. Place at least one capacitor for every two power pins. For those power pins that have
only one pin, a capacitor is still required. Place one bulk (10 uF or larger) capacitor for every 10 or so
power pins as closely as possible to the chip. These larger caps do not need to be under the chip
footprint.
178
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com