Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 210 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 206Page - Texas Instruments AM3874 Datasheet HTML 207Page - Texas Instruments AM3874 Datasheet HTML 208Page - Texas Instruments AM3874 Datasheet HTML 209Page - Texas Instruments AM3874 Datasheet HTML 210Page - Texas Instruments AM3874 Datasheet HTML 211Page - Texas Instruments AM3874 Datasheet HTML 212Page - Texas Instruments AM3874 Datasheet HTML 213Page - Texas Instruments AM3874 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.3
Controller Area Network Interface (DCAN)
The device provides two DCAN interfaces for supporting distributed realtime control with a high level of
security. The DCAN interfaces implement the following features:
•
Supports CAN protocol version 2.0 part A, B
•
Bit rates up to 1 MBit/s
•
64 message objects
•
Individual identifier mask for each message object
•
Programmable FIFO mode for message objects
•
Programmable loop-back modes for self-test operation
•
Suspend mode for debug support
•
Software module reset
•
Automatic bus on after Bus-Off state by a programmable 32-bit timer
•
Message RAM parity check mechanism
•
Direct access to Message RAM during test mode
•
CAN Rx/Tx pins are configurable as general-purpose IO pins
•
Two interrupt lines (plus additional parity-error interrupts line)
•
RAM initialization
•
DMA support
For more detailed information on the DCAN peripheral, see the DCAN Controller Area Network chapter of
the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
8.3.1
DCAN Peripheral Register Descriptions
210
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com