Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 212 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 208Page - Texas Instruments AM3874 Datasheet HTML 209Page - Texas Instruments AM3874 Datasheet HTML 210Page - Texas Instruments AM3874 Datasheet HTML 211Page - Texas Instruments AM3874 Datasheet HTML 212Page - Texas Instruments AM3874 Datasheet HTML 213Page - Texas Instruments AM3874 Datasheet HTML 214Page - Texas Instruments AM3874 Datasheet HTML 215Page - Texas Instruments AM3874 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.4
EDMA
The EDMA controller handles all data transfers between memories and the device slave peripherals on
the device. These data transfers include cache servicing, non-cacheable memory accesses, user-
programmed data transfers, and host accesses.
8.4.1
EDMA Channel Synchronization Events
The EDMA Channel controller supports up to 64 channels that service peripherals and memory. Each
EDMA channel is mapped to a defaul EDMA synchronization event as shown in Table 8-3. By default,
each event uses the parameter entry that matches its event number. However, because the device
includes a channel mapping feature, each event may be mapped to any of 512 parameter table entries.
For more detailed information, see the Enhanced Direct Memory Access Controller chapter of the AM387x
Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
Table 8-3. EDMA Default Synchronization Events
EVENT
DEFAULT
DEFAULT EVENT DESCRIPTION
NUMBER
EVENT NAME
0-1
–
Reserved
2
SDTXEVT1
SD1 Transmit
3
SDRXEVT1
SD1 Receive
4-7
–
Reserved
8
AXEVT0
McASP0 Transmit
9
AREVT0
McASP0 Receive
10
AXEVT1
McASP1 Transmit
11
AREVT1
McASP1 Receive
12
AXEVT2
McASP2 Transmit
13
AREVT2
McASP2 Receive
14
BXEVT
McBSP Transmit
15
BREVT
McBSP Receive
16
SPI0XEVT0
SPI0 Transmit 0
17
SPI0REVT0
SPI0 Receive 0
18
SPI0XEVT1
SPI0 Transmit 1
19
SPI0REVT1
SPI0 Receive 1
20
SPI0XEVT2
SPI0 Transmit 2
21
SPI0REVT2
SPI0 Receive 2
22
SPI0XEVT3
SPI0 Transmit 3
23
SPI0REVT3
SPI0 Receive 3
24
SDTXEVT0
SD0 Transmit
25
SDRXEVT0
SD0 Receive
26
UTXEVT0
UART0 Transmit
27
URXEVT0
UART0 Receive
28
UTXEVT1
UART1 Transmit
29
URXEVT1
UART1 Receive
30
UTXEVT2
UART2 Transmit
31
URXEVT2
UART2 Receive
32-35
–
Reserved
36
ISS_DMA_REQ1
ISS Event 1
37
ISS_DMA_REQ2
ISS Event 2
38
ISS_DMA_REQ3
ISS Event 3
39
ISS_DMA_REQ4
ISS Event 4
40
CAN_IF1DMA
DCAN0 IF1
212
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com