Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 219 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 215Page - Texas Instruments AM3874 Datasheet HTML 216Page - Texas Instruments AM3874 Datasheet HTML 217Page - Texas Instruments AM3874 Datasheet HTML 218Page - Texas Instruments AM3874 Datasheet HTML 219Page - Texas Instruments AM3874 Datasheet HTML 220Page - Texas Instruments AM3874 Datasheet HTML 221Page - Texas Instruments AM3874 Datasheet HTML 222Page - Texas Instruments AM3874 Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.5
Emulation Features and Capability
8.5.1
Advanced Event Triggering (AET)
The device supports Advanced Event Triggering (AET). This capability can be used to debug complex
problems as well as understand performance characteristics of user applications. AET provides the
following capabilities:
•
Hardware Program Breakpoints: specify addresses or address ranges that can generate events such
as halting the processor or triggering the trace capture.
•
Data Watchpoints: specify data variable addresses, address ranges, or data values that can generate
events such as halting the processor or triggering the trace capture.
•
Counters: count the occurrence of an event or cycles for performance monitoring.
•
State Sequencing: allows combinations of hardware program breakpoints and data watchpoints to
precisely generate events for complex sequences.
For more information on AET, see the following documents:
•
Using Advanced Event Triggering to Find and Fix Intermittent Real-Time Bugs application report
(Literature Number: SPRA753)
•
Using Advanced Event Triggering to Debug Real-Time Problems in High Speed Embedded
Microprocessor Systems application report (Literature Number: SPRA387)
8.5.2
Trace
The device supports Trace at the Cortex™-A8 and System levels. Trace is a debug technology that
provides a detailed, historical account of application code execution, timing, and data accesses. Trace
collects, compresses, and exports debug information for analysis. The debug information can be exported
to the Embedded Trace Buffer (ETB), or to the 5-pin Trace Interface (system trace only). Trace works in
real-time and does not impact the execution of the system.
For more information on board design guidelines for Trace Advanced Emulation, see the Emulation and
Trace Headers Technical Reference Manual (Literature Number: SPRU655).
8.5.3
IEEE 1149.1 JTAG
The JTAG (IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture)
interface is used for BSDL testing and emulation of the device. The TRST pin only needs to be released
when it is necessary to use a JTAG controller to debug the device or exercise the boundary scan
functionality of the device. For maximum reliability, the device includes an internal pulldown (IPD) on the
TRST pin to ensure that TRST is always asserted upon power up and the internal emulation logic of the
device is always properly initialized. JTAG controllers from Texas Instruments actively drive TRST high.
However, some third-party JTAG controllers may not drive TRST high but expect the use of a pullup
resistor on TRST. When using this type of JTAG controller, assert TRST to initialize the device after
powerup and externally drive TRST high before attempting any emulation or boundary-scan operations.
The main JTAG features include:
•
32KB embedded trace buffer (ETB)
•
5-pin system trace interface for debug
•
Supports Advanced Event Triggering (AET)
•
All processors can be emulated via JTAG ports
•
All functions on EMU pins of the device:
–
EMU[1:0] - cross-triggering, boot mode (WIR), STM trace
–
EMU[4:2] - STM trace only (single direction)
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
219
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com