Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 220 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 216Page - Texas Instruments AM3874 Datasheet HTML 217Page - Texas Instruments AM3874 Datasheet HTML 218Page - Texas Instruments AM3874 Datasheet HTML 219Page - Texas Instruments AM3874 Datasheet HTML 220Page - Texas Instruments AM3874 Datasheet HTML 221Page - Texas Instruments AM3874 Datasheet HTML 222Page - Texas Instruments AM3874 Datasheet HTML 223Page - Texas Instruments AM3874 Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.5.3.1
JTAG ID (JTAGID) Register Description
Table 8-7. JTAG ID Register(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4814 0600
JTAGID
JTAG Identification Register(2)
(1)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
(2)
Read-only. Provides the device 32-bit JTAG ID.
The JTAG ID register is a read-only register that identifies to the customer the JTAG/device ID. For this
device, the JTAG ID register resides at address location 0x4814 0600. The register hex value for the
device is: 0x0B8F 202F. For the actual register bit names and their associated bit field descriptions, see
Figure 8-5 and Table 8-8.
31
28 27
12 11
1
0
VARIANT (4-
PART NUMBER (16-bit)
MANUFACTURER (11-bit)
LSB
bit)
R-xxxx
R-1011 1000 1111 0010
R-0000 0010 111
R-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 8-5. JTAG ID Register Description - Device Register Value: 0x0B8F 202F
Table 8-8. JTAG ID Register Selection Bit Descriptions
Bit
Field
Description
31:28
VARIANT
Variant (4-bit) value. Device value: xxxx. This value reflects the device silicon revision [For example, 0x0
(0000) for initial silicon revision (SR) 1.0].
•
SR2.1, 0011, register value: 0x3B8F 202F
•
SR3.0, 0100, register value: 0x4B8F 202F
For more detailed information on the current device silicon revision, see the AM387x Sitara™ ARM
Processors Silicon Errata (Silicon Revisions 3.0, 2.1) (Literature Number: SPRZ345).
27:12
PART NUMBER
Part Number (16-bit) value. Device value: 0xB8F2 (1011 1000 1111 0010)
11:1
MANUFACTURER
Manufacturer (11-bit) value. Device value: 0x017 (0000 0010 111)
0
LSB
LSB. This bit is read as a ""1 for this device.
8.5.3.2
JTAG Electrical Data/Timing
Table 8-9. Timing Requirements for IEEE 1149.1 JTAG
(see Figure 8-6)
OPP100/120/166
NO.
UNIT
MIN
MAX
1
tc(TCK)
Cycle time, TCK
51.15
ns
1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
20.46
ns
1b
tw(TCKL)
Pulse duration, TCK low (40% of tc)
20.46
ns
3
tsu(TDI-TCK)
Input setup time, TDI valid to TCK high (20% of (tc * 0.5))
5.115
ns
3
tsu(TMS-TCK)
Input setup time, TMS valid to TCK high (20% of (tc * 0.5))
5.115
ns
th(TCK-TDI)
Input hold time, TDI valid from TCK high
10
ns
4
th(TCK-TMS)
Input hold time, TMS valid from TCK high
10
ns
Table 8-10. Switching Characteristics Over Recommended Operating Conditions for IEEE 1149.1 JTAG
(see Figure 8-6)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
2
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0
23.575(1)
ns
(1)
(0.5 * tc) - 2
220
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com