Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 303 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 303 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 299Page - Texas Instruments AM3874 Datasheet HTML 300Page - Texas Instruments AM3874 Datasheet HTML 301Page - Texas Instruments AM3874 Datasheet HTML 302Page - Texas Instruments AM3874 Datasheet HTML 303Page - Texas Instruments AM3874 Datasheet HTML 304Page - Texas Instruments AM3874 Datasheet HTML 305Page - Texas Instruments AM3874 Datasheet HTML 306Page - Texas Instruments AM3874 Datasheet HTML 307Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 361 page
background image
=
Rtt
A2
AT
Vtt
=
Rcp
Rcp
Cac
DDR_1V5
0.1 µF
A2
AT
A2
AT
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.13.4.2.4.11.9 CK and ADDR/CTRL Routing, One DDR3 Device
Figure 8-72 shows the CK routing for one DDR3 device placed on the same side of the PCB. Figure 8-73
shows the corresponding ADDR_CTRL routing.
Figure 8-72. CK Routing for One DDR3 Device
Figure 8-73. ADDR_CTRL Routing for One DDR3 Device
8.13.4.2.4.12 Data Topologies and Routing Definition
No matter the number of DDR3 devices used, the data line topology is always point-to-point, so its
definition is simple.
Care should be taken to minimize layer transitions during routing. If a layer transition is necessary, it is
better to transition to a layer using the same reference plane. If this cannot be accommodated, ensure
there are nearby ground vias to allow the return currents to transition between reference planes if both
reference planes are ground or DVDD_DDR. Ensure there are nearby bypass capacitors to allow the
return currents to transition between reference planes if one of the reference planes is ground. The goal is
to minimize the size of the return current loops.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
303
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com