Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 307 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 307 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 303Page - Texas Instruments AM3874 Datasheet HTML 304Page - Texas Instruments AM3874 Datasheet HTML 305Page - Texas Instruments AM3874 Datasheet HTML 306Page - Texas Instruments AM3874 Datasheet HTML 307Page - Texas Instruments AM3874 Datasheet HTML 308Page - Texas Instruments AM3874 Datasheet HTML 309Page - Texas Instruments AM3874 Datasheet HTML 310Page - Texas Instruments AM3874 Datasheet HTML 311Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 8-75. CK and ADDR_CTRL Routing Specification(1)(2) (continued)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
16
Center-to-center CK to other DDR3 trace spacing(9)
4w
17
Center-to-center ADDR_CTRL to other DDR3 trace spacing(9)(10)
4w
18
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(9)
3w
19
CK center-to-center spacing(11)
(12)
20
CK spacing to other net(9)
4w
21
Rcp(13)
Zo-1
Zo
Zo+
Ω
22
Rtt(13)(14)
Zo-5
Zo
Zo+5
Ω
(9)
Center-to-center spacing is allowed to fall to minimum (w) for up to 1250 mils of routed length.
(10) The ADDR_CTRL net class of the other DDR EMIF is considered other DDR3 trace spacing.
(11) CK spacing set to ensure proper differential impedance.
(12) The most important thing to do is control the impedance so inadvertent impedance mismatches are not created. Generally speaking,
center-to-center spacing should be either 2w or slightly larger than 2w to achieve a differential impedance equal to twice the single-
ended impedance, Zo.
(13) Source termination (series resistor at driver) is specifically not allowed.
(14) Termination values should be uniform across the net class.
8.13.4.2.4.13.2 DQS and DQ Routing Specification
Skew within the DQS and DQ/DM net classes directly reduces setup and hold margin and thus this skew
must be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter traces
up to the length of the longest net in the net class and its associated clock. As with CK and ADDR_CTRL,
a reasonable trace route length is to within a percentage of its Manhattan distance. DQLMn is defined as
DQ Longest Manhattan distance n, where n is the byte number. For a 32-bit interface, there are four
DQLMs, DQLM0–DQLM3. Likewise, for a 16-bit interface, there are two DQLMs, DQLM0–DQLM1.
NOTE
It is not required, nor is it recommended, to match the lengths across all bytes. Length
matching is only required within each byte.
Given the DQS and DQ/DM pin locations on the MPU and the DDR3 memories, the maximum possible
Manhattan distance can be determined given the placement. Figure 8-80 shows this distance for four
loads. It is from this distance that the specifications on the lengths of the transmission lines for the data
bus are determined. For DQS and DQ/DM routing, these specifications are contained in Table 8-76.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
307
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com