Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
11
7
Absolute Maximum Ratings
Symbol
Description
Value
Units
ACIN
Input Voltage
-0.3 ~ 11
V
VBUS
Input Voltage
-0.3 ~ 11
V
Ta
Operating Temperature Range
-20 ~ 80
°C
Tj
Junction Temperature Range
-20~130
°C
Ts
Storage Temperature Range
-40 ~150
°C
TLEAD
Maximum Soldering Temperature (at leads
,10sec)
300
°C
VESD
Maximum ESD stress voltage
,Human Body Model
>4000
V
PD
Internal Power Dissipation
2700
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com