Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 48Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 49Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 50Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 51Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 52Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 53Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 54Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 55Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 56Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
54
10.2.63. REG E1H: Battery capacity setting 2
Default Value : 00H
10.2.64. REG E6H: Low battery power alarm
threshold settings
Default Value:A0H
10.2.65. REG E8H: Interval update time for Fuel
Gauge percentage Setting
Default Value:00H
Bit
Description
R/W
Default
Value
7-0
battery capacity setting bit[7:0]
RW
0
Bit
Description
R/W
Default
Value
7-4
Low battery power alarm threshold settings 1
0000-1111 : 5%-20%
RW
1010
3-0
Low battery power alarm threshold settings 2
0000-1111 : 5%-15%
RW
0000
Bit
Description
R/W
Default
Value
7-3
Reserved and unchangeable
RW
2
000-30s; 001-60s; 010-120s
011-164s; 100-0s; 101-5s
110-10s; 111-20s
RW
0
1
RW
0
0
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com