Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
22
9.3.4.
Charge Process
If the battery voltage is lower than 3.0V, the charger will automatically enter the pre-charge mode, with charge
current be 1/10 of the preset value. If the battery voltage is still below 3.0V 40 minutes later (adjustable, see
“REG34H”), charger will automatically enter the battery activate mode. Refer to “Battery Activate Mode”
section for details.
When the battery voltage reaches the VTRGT, the charger will switch from the constant current mode to constant voltage mode,
and the charge current will fall
When the charge current is lower than 10% or 15% (adjustable, see register “REG33H”) of the preset value, a
charge cycle ends, and AXP223 will release IRQ13 while the CHGLED pin will stop indicating the charging state.
When the battery voltage is below V
RCH
again, the automatic charge will restart, and IRQ12 will be released.
9.3.5.
Battery Activate Mode
At the entering the battery activate mode from either pre-charge mode or constant current mod(the
timer expires), AXP223 will release IRQ10 in both cases to indicate that the battery may be damaged.
In battery activate mode, the charger always inputs relatively low current to batteries. AXP223 will exit
activate mode and release IRQ11 only if the battery voltage has reached V
RCH
.
AXP223 will indicate whether the charger is in battery activate mode or not in register REG01H.
9.3.6.
CHGLED
CHGLED pin is used to indicate charge state and warning. CHGLED is NMOS Open Drain output, so a LED can be directly driven by a
current-limit resistor to show the four states.
The following table has displayed its two operation modes
Type A
Status
Performance
Remark
Charging
Low Level
Not Charging
High Resistance
Battery Abnormal
25% duty 1Hz
flicker
The charger enters the battery activate mode, or
the battery temperature is too high/low.
Over-Voltage
25% duty 4Hz flicker
External voltage input is too high
Type B
Status
Performance
Remark
Charging
25% duty 1Hz
flicker
Not Charging
High Resistance
Battery Abnormal
Over-Voltage
25% duty 1Hz
flicker
The charger enters the battery activate mode, or
the battery temperature is too high/low.
voltage output is too high
No battery
Low Level
No external power is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com