Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
18
Write “1” to REG31H[3] to
start the sleep,and PMU will save REG10H、
REG12H、REG13H setting at that time
9.1.4.
Sleep and Wakeup
When the running system needs to enter Sleep mode, REG31H [3] will determine whether one or several power rails should
be disabled , Wakeup can be triggled by either signal:
■
ACIN plug (REG40[6:5] should be 1)
■
VBUS plug(REG40[3:2] should be 1)
■
Push long time PEK (REG42[0] should be1)
■
PEK falling edge(REG44[5] should be 1)
■
Battery low power alarm(REG43[1:0] should be 1)
■
GPIO[1:0] as a general purpose input when it detects rising and falling edge (REG4C[1:0] should be 1,and
REG90[7:6]、REF92[7:6] should be 1)
■
Software wakeup,write 1 in REG31[5]
■
IRQ wakeup ( REG8F[7] should be 1)
with all power rails resume to default voltage in default,and power on timing sequence
See control process under sleep and wakeup modes as below::
Write REG10H 、
REG12H 、
REG13H register,Close
corresponding
Sleep and wait to be
Wakeup
N
Wakeup?
Y
Restore the Power to the
default output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com