Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
40
10.2.27. REG 33H: Charging control 1
Default Value :C6H
Bit
Description
R/W
Default
Value
7
Charging enable control bit,include Internal and external channel
0: disable, 1:enable
RW
1
6-5
Charging target-voltage setting
00:4.1V; 01:4.22V; 10:4.2V; 11:4.24V
RW
10
4
Charging end-current setting
0: end when the charge current is lower than 10% of the set value
1: end when the charge current is lower than 15% of the set value
RW
0
3-0
Charge current setting
0000:300mA
; 0001:450mA; 0010:600mA; 0011:750mA;
0100:900mA
; 0101:1050mA; 0110:1200mA; 0111:1350mA;
1000:1500mA
; 1001:1650mA; 1010:1800mA; 1011:1950mA;
1100:2100mA
;
RW
0110
10.2.28. REG 34H: Charging control 2
Default Value :45H
Bit
Description
R/W
Default
Value
7
Pre-charge timeout setting Bit1
00: 40 min
; 01: 50min;
RW
0
6
Pre-charge timeout setting Bit0
10: 60min
; 11: 70min
RW
1
5
If close charg output after charge finsih
0
:close; 1:open
RW
0
4
CHGLED mode selection
0:Type A 1:Type B
RW
0
3
Reserved and unchangeable
2
if charging constant follows charging current when value changed
0
:Not follow 1:Follow
RW
1
1
Constant-current mode timeout
setting Bit1
00: 6Hours
; 01: 8Hours;
RW
0
0
Constant-current mode timeout
setting Bit0
10: 10Hours
; 11: 12Hours
RW
1
Note:Type A/B Please refer to "Adaptive Flash Charger" Instruction for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com