Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
43
10.2.34. REG 3CH:VLTF-discharge Battery Discharging Under-Temperature
Threshold Setting
Default Value :FCH
Bit
Description
R/W
Default
Value
7-0
The battery Over-temperature
threshold setting when the battery
is discharging,M
M*10H, when M=FC, corresponding
voltage is 3.226V ; corresponding
voltage ranges from 0V~3.264V
RW
FCH
VLTF-discharge = M *10H* 0.0008V
10.2.35. REG 3DH:VHTF-discharge Battery Discharging Over-Temperature
Threshold Setting
Default Value :16H
Bit
Description
R/W
Default
Value
7-0
The battery Over-temperature
threshold setting when the battery
is discharging,,N
N*10H,when N=16H,corresponding
voltage is 0.282V ; corresponding
voltage ranges from 0V~3.264V
RW
16H
VLTF-discharge = N *10H* 0.0008V
10.2.36. REG 80H:DCDC Working Mode Selection
Default Value :80H
Bit
Description
R/W
Default
Value
7-5
Reserved and unchangeable
4
DCDC4 work mode control
0:PFM/PWM automatic switching
1: fixed PWM
RW
0
3
DCDC3work mode control
RW
0
2
DCDC2 work mode control
RW
0
1
DCDC1 work mode control
RW
0
0
DCDC0 work mode control
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com