Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
30
Address
Register Description
R/W
79
Battery voltage low 4 bits
R
7A
Battery charge current high 8 bits
R
7B
Battery charge current low 4 bits
R
7C
Battery discharge current high 8 bits
R
7D
Battery discharge current low 5 bits
R
B8
Fuel Guage control register
R/W
C0H
B9
Fuel Guage result register
R
64H
E0
Total capacity of battery bit[14:8]
R/W
00H
E1
Total capacity of battery bit[7:0]
R/W
00H
E6
Low battery alarm setting register
R/W
A0H
E8H
set the interval update time for Fuel Gauge percentage
R/W
00H
E9H
Fuel Gauge calibration interval setting
R/W
00H
ECH
Coulomb counter percentage of electricity calibration points setting
R/W
00H
Note:The total capacity of battery unit is 1.456mAH
10.2. Register Description
10.2.1.
REG 00H: Power Input Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com