Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 9Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 10Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
12
8
Electrical Characteristics
Symbol
Description
Condition
MIN
TYP
MAX
Units
ACIN
VIN
ACIN Input Voltage
3.8
6.3
V
I
OUT
VOUT Current Available Before
Loading BAT
400mV Voltage
Drop
3000
mA
VUVLO
ACIN Under Voltage Lockout
3.8
V
VOUT
IPS ™ Output Voltage
2.9
5.0
V
RACIN
Internal Ideal Resistance
PIN to PIN, ACIN
to IPSOUT
120
mOhm
VBUS
VIN
VBUS Input Voltage
3.8
6.3
V
IOUT
VOUT Current Available Before
Loading BAT
400mV Voltage
Drop
500
900
mA
VUVLO
VBUS Under Voltage Lockout
3.8
V
VOUT
IPS ™ Output Voltage
2.9
5.0
V
R
VBUS
Internal Ideal Resistance
PIN to PIN,
VBUS to IPSOUT
170
mOhmΩ
Battery Charger
VTRGT
BAT Charge Target Voltage
-0.5%
4.2
+0.5%
V
ICHRG
Charge Current
1200
2100
mA
ITRKL
Trickle Charge Current
10%
ICHRG mA
VTRKL
Trickle Charge Threshold Voltage
3.0
V
ΔVRECHG
Recharge Battery Threshold Voltage
Threshold
Voltage Relative
to VTARGET
-100
mV
T
TIMER1
Charger Safety Timer Termination
Time
Trickle Mode
50
Min
TTIMER2
Charger Safety Timer Termination
Time
CC Mode
480
Min
I
END
End of Charge Indication Current
Ratio
CV Mode
10%
15%
I
CHRG mA
NTC
Cold Temperature Fault Threshold
Charge
2.112
VTL
0
3.264
V
Voltage
Discharge
3.226
Hot Temperature Fault Threshold
Charge
0.397
VTH
0
3.264
V
Voltage
Discharge
0.5
Falling
VTE
NTC Disable Threshold Voltage
Threshold
0.2
V
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com