Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 48Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 49Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 50Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 51Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 52Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 53Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 54Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 55Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 56Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
52
10.2.57. REG 4AH:IRQ Status3
Bit
Description
R/W
Default
Value
7
AXP223 internal over-temperature IRQ status
RW
0
6-2
Reserved and unchangeable
1
PEK short press IRQ status
RW
0
0
PEK long press, IRQ status
RW
0
10.2.58. REG 4BH:IRQ Status 4
Bit
Description
R/W
Default
Value
7-2
Reserved and unchangeable
1
Battery level reaches the alarm threshold IRQ 1 status
RW
0
0
Battery level reaches the alarm threshold IRQ 2 status
RW
0
10.2.59. REG 4CH:IRQ Status 5
Bit
Description
R/W Default
Value
7
Timer timeout IRQ status
RW
0
6
PEK rising edge IRQ status
RW
0
5
PEK falling edge IRQ status
RW
0
4-2
Reserved and unchangeable
1
GPIO1 input edge trigger IRQ status
RW
0
0
GPIO0 input edge trigger IRQ status
RW
0
Note: Writing 1 to all IRQ status register bits will clear corresponding status.
10.2.60. REG B8H: Fuel Gauge Control
Default Value C0H
Bit
Description
R/W Default
Value
7
Fuel gauge enable
0:disable
1:enable
RW
1
6
Coulomb Counter enable
0:disable
1:enable
RW
1
5
Total capacity of battery calibration function enable
0:disable
1:enable
RW
0
4
Total capacity of battery calibration function status
0:calibration
1: No calibration
RW
0
3-0
Reserved and unchangeable
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com