Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
17
9
Control and Operating
Once AXP223is powered on,SCK/SDA pin of P2WI/RSB will be pulled up to IO Power and then Host(system processor) can
adjust and monitor AXP223,
Remarks: “External Power” below includes ACIN and VBUS input.
9.1. Power On/Off & Reset
9.1.1.
Power Enable Key (PEK)
The Power Enable/ Sleep/Wakeup Key can be connected between PWRON pin and GND of AXP223.AXP223 can automatically
identify the “Long-press” and “Short-press” and then correspond respectively.
9.1.2.
Power On
Power on Source
■
ACIN and VBUS
■
PEK
■
IRQ low level
press PEK can power on AXP223 (press time over ONLEVEL),In application, Host Alarm output signal can be connected to IRQ
Whenever there is a valid Alarm signal ((Low Level)), AXP223 can be powered on..
After power on, DC-DC and LDO will be soft booted in preset timing sequence.
9.1.3.
Power Off
When you push-and-hold PEK longer than IRQLEVEL, HOST can write “1” into“REG32H [7]” to inform AXP223 to shutdown,
which can disable all power output except VCC-RTC..
System power-off is initiated whenever the following conditions occur :
■
input voltage is too low( Low-Power Protection);
■
Power output voltage is too low due to overload( Overload Protection);
■
Input voltage is too high( Overvoltage Protection)( See more details in chapter “ Intelligent Power Select”;
■
Push PEK longer more than OFFLEVEL( Default 6S), and system will cut off all power output except VCC-RTC;
With the automatic protection mechanism, AXP223 can protect whole system by preventing
Components from irriversable damage due to system abnormality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com