Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
25
9.4.2.
VCC-RTC
VCC-RTC always on
,Can provide uninterrupted power supply for real-time clock circuit (RTC) of application system,drive
ability is 30mA.
9.4.3.
ALDO1/2/3
ALDO1/2/3 using a low-noise design
,can be used to supply power for analog circuits of application system,
drive ability is 300mA /300mA /200mA.
9.4.4.
LDOIO0 /LDOIO1
LDOIO0/LDOIO1 using a low-noise design too
,both output drive ability is 100mA.
9.4.5.
DLDO1/DLDO2/DLDO3/DLDO4
DLDO1/DLDO2/DLDO3/DLDO4
are common low dropout linear regulators,drive ability is 400mA /200mA /200mA/100mA.
9.4.6.
ELDO1/ELDO2/ELDO3/
ELDO1/ELDO2/ELDO3/
are common low dropout linear regulators,drive ability is 400mA /200mA /200mA/.
9.4.7.
DC5LDO
Power input of DC5LDO
is DCDC5,drive ability is 200mA.
9.4.8.
DC1SW
Power input of DC1SW
is DCDC1,equivalent resistance is 160mOhm.
9.4.9.
Soft Start
All DC-DCs and LDOs support soft start which can avoid the impact of dramatic current change on the input path in system boot
stage.
All DCDC does not require external Schottky diode and resistor divider feedback circuit,if don’t need some DCDC in
application
,Just let the corresponding LX pin unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com