Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
24
9.4. Multi-Power Outputs
The following table has listed the multi-power outputs and their functions of AXP223
Output Path
Type
Default Voltage
Start-up
procedure
Application
Example
s
Drive Ability
DCDC1
BUCK
3.0V
1
3.0V I/O
1400mA
DCDC2
BUCK
1.1V
1
1.1V CPU
2000mA
DCDC3
BUCK
1.1V
1
1.1VGPU
2000mA
DCDC4
BUCK
1.1V
1
1.1V Core
600mA
DCDC5
BUCK
1.5/DC5SET setting
1
1.5V DDR3
2000mA
AXP223 comes with 5 synchronous step-down DC-DCs, 14 LDOs,2 switch as well as multiple timing and controlling methods.
The work frequency of DC-DC is 3MHz by default, which is adjustable via registers. External small inductors and capacitors can
be connected as well. In addition, 5 DC-DCs can be set in PWM mode or auto mode (automatically switchable according to
the AXP223 load). See register REG80H.
9.4.1.
DCDC1/2/3/4/5
DCDC1 output voltage ranges from 1.6 V to 3.4V,
DCDC2/4 output voltage ranges from 0.6 V to 1.54V
DCDC3 output voltage ranges from 0.6 V to 1.86V
DCDC5 output voltage ranges from 1.0 V to 2.55V
Can be programmed via registers
DCDC5 Voltage setting depends on DC5SET pin Voltage:
DC5SET Status
Low
Floating
High
DCDC5 Voltage
1.5V
1.2V
1.35V
DCDC output capacitor is recommended to use small ESR ceramic capacitors above 10uF X7R;recommend 1.5uH
inductors,Besides, the inductor saturation current should be larger than 50% of the largest demanded current in power
circuitry.
RTC-LDO
LDO
3.0V
1
RTC
30mA
ALDO1
LDO
3.0
1
N/A
300mA
ALDO2
LDO
2.5V
1
N/A
300mA
ALDO3
LDO
3.0V
1
N/A
200mA
LDO
IO0
LDO
OFF
OFF
N/A
100mA
LDOIO1
LDO
OFF
OFF
N/A
100mA
DLDO1
LDO
OFF
OFF
N/A
400mA
DLDO2
LDO
OFF
OFF
N/A
200mA
DLDO3
LDO
OFF
OFF
N/A
200mA
DLDO4
LDO
OFF
OFF
N/A
100mA
ELDO1
LDO
OFF
OFF
N/A
400mA
ELDO2
LDO
OFF
OFF
N/A
200mA
ELDO3
LDO
OFF
OFF
N/A
200mA
DC5LDO
LDO
1.1V
1
N/A
200mA
DC1SW
Switch
OFF
OFF
N/A
400mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com