Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AXP223 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
4
1
Summary
AXP223 is designed to be a highly-integrated power system management IC,that is optimized for applications requiring single-
cell Li-battery (Li-Ion/Polymer) and multiple output DC-DC converters,It is offering an easy-to-use and flexible complete solution
which can fully meet the increasingly complexity of accurate power control required by modern application processor system.
AXP223 comprises a USB3.0-Compatible Flash Charger which efficiency up to 94%,Charging current up to 2.1A;Supports 21-
way power output(Contains five high-current DCDC,high efficiency up to 95%),Includes voltage / current / temperature
monitoring and other multi-channel 12-Bit ADC;To guarantee the safty and stability of power system,AXP223 has
integrated various protection circuits such as Over voltage Protection(OVP)/Under voltage Protection(UVP) 、Over
temperature protection(OTP)、Over current protection(OCP);Particular E-Gauge ™ fuel Gauge system significantly reducing
the battery parameters testing process while ensure high-precision measurement.
AXP223 provide a fast interface ,allows the system to adjust the output voltage dynamically ,and coordinate application
processor system to achieve multiple modes of conversion,extend battery using time maximum.
AXP223 Intelligent Power Select, IPS ™ circuit can distribue electric energy security transparent in USB and external AC
adapter ,Lithium and application system load,and enables applications system working when only external power input but
without battery(or battery discharge / damage).
AXP223 is available in 8mm x 8mm x0.75 mm 68-pin QFN package
AXP223 can use on :
■
Tacblet,Smart phone, Smart TV,Digital cameras
■
Ultra-Mobile PC UMPC / UMPC-like,Entertainment and Education Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com