Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
42
10.2.31. REG 37H:DCDC Working Frequency Setting
Default Value :08H
10.2.32. REG 38H:VLTF-charge Battery Charge Under-temperature Threshold Setting
Default Value:A5H
Bit
Description
R/W Default
Value
7-0
Battery Under-temperature threshold
setting when the battery is
charging,M
M*10H,when M=A5H, corresponding
voltage is 2.112V ; corresponding
voltage ranges from 0V~3.264V
RW
A5H
VLTF-charge = M *10H * 0.0008V
10.2.33. REG 39H:VHTF-charge Battery Charge Over-Temperature Threshold Setting
Default Value :1FH
Bit
Description
R/W
Default
Value
7-0
The battery Over-temperature
threshold setting when the battery is
charging,N
N*10H , when N=1FH , the corresponding
voltage is 0.397V;
corresponding voltage ranges from
0V~3.264V
RW
1FH
VHTF-charge = N *10H * 0.0008V
Bit
Description
R/W
Default
Value
7
DCDC and PWM Charger Spread Spectrum function setting
0: disable 1:enable
0
6
DCDC and PWM Charger Spread Spectrum Frequency setting
0: 50KHZ 1:100KHZ
0
5
Reserved and unchangeable
0
4
DCDC 2&2 Poly-Phase function setting
0:disable 1:enable
0
3
DCDC enable/disable frequency setting
Bit 3
Each level changes by 5%,Default
Value1.3MHz
RW
1
2
DCDC enable/disable frequency setting
Bit 2
2
RW
0
1
DCDC enable/disable frequency setting
Bit 1
RW
0
0
DCDC enable/disable frequency setting
Bit 0
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com