Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
31
10.2.2.
REG 01H: Power Working Mode and Charge Status Indication
Bit
Description
R/W
7
Indicating whether AXP223 is over-temperature
0: not over-temperature; 1: over-temperature
R
6
Charge indication
0:not charge or charge finished; 1: in charging
R
5
Battery existence indication
0:no battery connected to AXP223; 1:battery already connected to AXP223
R
4
Reserved and unchangeable
R
3
Indicating whether the battery enters the activate mode
0: not enter the activate mode; 1: already entered the activate mode
R
2-0
Reserved and unchangeable
R
10.2.3.
REG 04-0FH: Data Cache
Note: As long as one of the external powers, batteries or backup batteries exists, this data will be reserved and free
from the startup and shutdown influence.
10.2.4.
REG 10H: DCDC1/2/3/4/5&ALDO1/2&DC5LDO Power Output Control
Default Value :FFH
Bit
Description
R/W
Default
Value
7
ALDO2 enable and disable control
0: disable; 1: enable
RW
1
6
ALDO1 enable and disable control
RW
1
5
DCDC5 enable and disable control
RW
1
4
DCDC4 enable and disable control
RW
1
3
DCDC3 enable and disable control
RW
1
2
DCDC2 enable and disable control
RW
1
1
DCDC1enable and disable control
RW
1
0
DCDC0 enable and disable control
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com