Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
41
10.2.29. REG 35H: Charging control 3
Default Value :0EH
Bit
Description
R/W
Default
Value
7-4 Reserved and unchangeable
3-0
limit Charging loop current setting
0000:300mA; 0001:450mA; 0010:600mA;
0011:750mA;
0100:900mA; 0101:1050mA; 0110:1200mA; 0111:1350mA;
1000:1500mA; 1001:1650mA; 1010:1800mA; 1011:1950mA;
1100:2100mA; 1101:2250mA;
1110: 2400mA; 1111: 2550mA
RW
1110
10.2.30. REG 36H:PEK Key Parameters Setting
Default Value :59H
Bit
Description
R/W
Default
Value
7
Startup time setting Bit1
00: 128mS
; 01: 1S;
RW
0
6
Startup time setting Bit0
10: 2S
;
11: 3S.
RW
1
5
Long-press time setting Bit1
00: 1S
; 01: 1.5S;
RW
0
4
Long-press time setting Bit0
10: 2S
; 11: 2.5S.
RW
1
3
Automatic shutdown setting when the key press-time
exceeds the shutdown time
0: disable; 1: enable
RW
1
2
Automatic restart after automatic shutdown when the key
press-time exceeds the shutdown time
0: disable; 1: enable
RW
0
1
Shutdown time setting Bit1
00: 4S
; 01: 6S;
RW
0
0
Shutdown time setting Bit0
10: 8S
; 11: 10S
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com