Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 43Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
44
10.2.37. REG 82H:ADC Enable
Default Value :E0H
Bit
Description
R/W
Default
Value
7
Battery voltage ADC enable
0: disable, 1: enable
RW
1
6
Battery current ADC enable
RW
1
5
Internal temperature ADC enable
RW
1
4-1
Reserved and unchangeable
0
TS pin ADC function enable
0: disable, 1: enable
RW
0
10.2.38. REG 84H:ADC Sample Rate Setting and TS Pin Control
Default Value :32H
Bit
Description
R/W
Default
Value
7
ADC
sample rate setting Bit 1
10×2n
sample rate is 100, 200, 400, 800Hz
RW
0
6
ADC
sample rate setting Bit 0
RW
0
5-4
TS
pin output current setting:
00:20uA
; 01:40uA; 10:60uA; 11:80uA
RW
11
3
Reserved and unchangeable
2
TS pin function selection
0: battery temperature monitoring function,1: external independent ADC
RW
0
1-0
TS pin current output method setting
00: disable
01: current output when charging
10: input when the ADC is sampling,
reducing the power consumption
11: always enable
RW
1
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com