Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 48Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 49Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 50Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 51Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
48
10.2.44. REG 90H:GPIO0 Function setting
Default Value :07H
10.2.45. REG 91H:GPIO0 be LDO Mode and Output High Level Setting
Default Value :1FH
Bit
Description
R/W
Default
Value
7-5
Reserved and unchangeable
4
GPIO0 LDO
output voltage setting Bit4
0.7-3.3V,100mV/step
RW
1
3
GPIO0 LDO
output voltage setting Bit3
RW
1
2
GPIO0 LDO
output voltage setting Bit2
RW
1
1
GPIO0 LDO
output voltage setting Bit1
RW
1
0
GPIO0 LDO
output voltage setting Bit0
RW
1
Bit
Description
R/W
Default
Value
7
GPIO0 be input function ,rising edge IRQ or Wakeup function
0:disable 1:enable
RW
0
6
GPIO0 be input function ,falling edge IRQ or Wakeup function
0:disable 1:enable
RW
0
5-3
Reserved and unchangeable
2
GPIO0 pin function setting Bit 2
000: output low
001: output high
010: general input function
011: enalbe low noise LDO
100: disalbe low noise LDO
101-111:floating
RW
1
1
GPIO0 pin function setting Bit 1
RW
1
0
GPIO0 pin function setting Bit 0
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com