Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
28
10
Register
10.1. Register
10.1.1.
Power Control
Address
Register Description
R/W
Default value
00
Power status register
R
01
Power mode/ charge state register
R
04-0F
Data buffer register
R/W
00H
10
DCDC1/2/3/4/5&ALDO1/2&DC5LDO enable and disable control
register
R/W
BFH
12
ELDO1/2/3&DLDO1/2/3/4&DC1SW enable and disable control
register
R/W
00H
13
ALDO3 ON/OFF control register
R/W
01H
15
DLDO1 voltage setting register
R/W
00H
16
DLDO2 voltage setting register
R/W
00H
17
DLDO3 voltage setting register
R/W
00H
18
DLDO4 voltage setting register
R/W
00H
19
ELDO1 voltage setting register
R/W
00H
1A
ELDO2 voltage setting register
R/W
00H
1B
ELDO3 voltage setting register
R/W
00H
1C
DC5LDO voltage setting register
R/W
00H
21
DCDC1 voltage setting register
R/W
00H
22
DCDC2 voltage setting register
R/W
00H
23
DCDC3 voltage setting register
R/W
00H
24
DCDC4 voltage setting register
R/W
00H
25
DCDC5 voltage setting register
R/W
00H
27
DCDC2/3 voltage ramp parameter setting register
R/W
00H
28
ALDO1 voltage setting register
R/W
00H
29
ALDO2 voltage setting register
R/W
00H
2A
ALDO3 voltage setting register
R/W
00H
30
VBUS-IPSOUT channel setting register
R/W
60H
31
Wakeup control and VOFF shutdown voltage setting register
R/W
03H
32
Shutdown, battery detection, CHGLED control
register
R/W
43H
33
Charge control register 1
R/W
C6H
34
Charge control register 2
R/W
45H
35
Charge control register 3
R/W
0EH
36
PEK parameter control register
R/W
5DH
37
DCDC converter work frequency setting register
R/W
08H
38
Battery charge under-temperature warning setting register
R/W
A5H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com