Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
38
10.2.24 REG 30H:VBUS-IPSOUT Power Path Management
Default Value :60H
Bit
Description
R/W
Default
Value
7
The VBUS-IPSOUT path select control signal when VBUS is usable
0: whether to enable the path is decided by N_VBUSEN pin
1:VBUS-IPSOUT can be enabled,regardless of the N_VBUSEN status
RW
0
6
VBUS VHOLD voltage-limit control
0: not limit the voltage; 1: limit the voltage
RW
1
5
VHOLD
Setting Bit 2
000: 4.0V
; 001: 4.1V; 010: 4.2V
RW
1
4
VHOLD
Setting Bit 1
011: 4.3V
; 100: 4.4V; 101: 4.5V
RW
0
3
VHOLD
Setting Bit 0
10: 4.6V
; 111: 4.7V
RW
0
2
DRIVEVBUS as the output state control when output
0:low level out put
1:IPS out
RW
0
1-0
VBUS current-limit setting
00:900mA ; 01:500mA; 10:100mA; 11:not limit
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com