Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
23
9.3.7.
Battery Temperature Detection
AXP223 can connect a temperature-sensitive resistor via the TS pin to monitor the battery temperature when the battery is
charging or discharging. The diagram is shown below :
In the diagram above, VTH/VTL refer to the high temperature threshold and low temperature threshold,
which is programmable via registers REG38H/39H/3CH/3DH respectively. VTE=0.2V. The temperature-sensitive resistor
is suggested to choose the NTC temperature-sensitive resistor, which is 10Kohm and 1% accuracy at 25℃. AXP223 will
send constant current via TS pin, and the current can be set as 20uA、40uA、60uA、and 80uA (See registerREG84H) to
adapt to different NTC resistors. When the current goes through the temperature-sensitive resistor, a test voltage is
generated, which will be measured by ADC, and compared with regulated value to release corresponding IRQ or
suspend the charge.
If the resistance value of temperature-sensitive resistor is too high or too low, extra resistors can be serial or parallel
connected to expand the detect extent.
If the battery is free from temperature-sensitive resistor, TS pin can be linked to the ground, and in that
case, AXP223 will automatically disable the battery temperature monitoring function
9.3.8 Battery Detection
AXP223 will automatically detect the battery presence, record the result in registers (refer to REG01H)
and release IRQ13, IRQ14.
The battery detection can be enabled and disabled by Host. (Refer to register REG32H.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com