Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AXP223 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
29
Address
Register Description
R/W
Default value
39
Battery charge over-temperature warning setting
register
R/W
1FH
3C
Battery discharge under-temperature warning setting
register
R/W
FCH
3D
Battery discharge over-temperature warning setting
register
R/W
16H
80
DCDC work mode setting register
R/W
80H
82
ADC enable setting register1
R/W
E0H
84
ADC sample rate setting,TS pin control register
R/W
32H
85
TS ADC sample rate setting register
R/W
00H
8A
Timer control register
R/W
00H
8C/8D
PWREN control register
R/W
00H
8F
Over-temperature shutdown control register
R/W
01H
10.1.2.
GPIO Control
Address
Register Description
R/W
Default value
90
GPIO0 control register
R/W
07H
91
GPIO0 LDO output voltage setting register
R/W
1FH
92
GPIO1 control register
R/W
07H
93
GPIO1 LDO mode output voltage setting control register
R/W
1FH
94
GPIO[1:0] signal status register
R/W
00H
97
GPIO[1:0] Pull-down control register
R/W
00H
10.1.3.
Interrupt control
Address
Register Description
R/W
Default value
40
IRQ enable control register 1
R/W
D8H
41
IRQ enable control register 2
R/W
FFH
42
IRQ enable control register 3
R/W
03H
43
IRQ enable control register 4
R/W
03H
44
IRQ enable control register 5
R/W
00H
48
IRQ status register 1
R/W
00H
49
IRQ status register 2
R/W
00H
4A
IRQ status register 3
R/W
00H
4B
IRQ status register 4
R/W
00H
4C
IRQ status register5
R/W
00H
10.1.4.
ADC Data
Address
Register Description
R/W
56
AXP223 internal temperature monitoring ADC data high 8 bits
R
57
AXP223 internal temperature monitoring ADC data low 4 bits
R
58
TS input ADC data high 8 bits,default monitoring battery
temperature
R
59
TS input ADC data low 4 bits,default monitoring battery
temperature
R
78
Battery voltage high 8 bits
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com