Electronic Components Datasheet Search
  English  ▼

X  

AXP223 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AXP223
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP223 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AXP223 Datasheet HTML 1Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 2Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 3Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 4Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 5Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 6Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 7Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 8Page - List of Unclassifed Manufacturers AXP223 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AXP223
PMIC Optimized For Multi-Core High-Performance System
AXP223 Datasheet Revision 1.1
Copyright © 2013 X-Powers Limited. All Rights Reserved.
PAGE
5
2
Feature
Power Management(IPS ™ )
•
Wide input voltage:2.9V~6.3V (AMR:-0.3V~11V)
•
Configurable high efficient IPS system
• Adaptive USB or AC-adaptor with voltage/current-limit (4.4V/900mA/500mA)
Fully Integrated
Flash Charger
•
Built-in MOSFET max Charge Current up to 2.1A
•
Support Battery Temperature Monitoring
•
Support USB compatible charger
•
High precision Charging,error is less than ± 0.5% ±0.5%
•
Support Battery of Various Voltage such as 4.1V/4.2V/4.22V/4.24V
•
Automatic Charge Procedure Management
•
Directly drive LED to indicate charge status
•
Automatical scaling of charge current
according to the System Load
14 Low-dropout Linear Regulator
(LDO)
•
RTC_VCC:Always on 30mA,
•
ALDO1/2:Low noise LDO, voltage from 0.7V~3.3V ,100mV/step, drive capability 300mA
•
ALDO3:Low noise LDO,voltage from 0.7V~3.3V ,100mV/step, drive capability 200mA
•
LDOIO0/LDOIO1:Low noise LDO, voltage from 0.7V~3.3V ,100mV/step, drive capability
10 0mA
•
DLDO1/ELDO1:voltage from 0.7V~3.3V ,100mV/step, drive capability 400mA
•
DLDO2/DLDO3/ELDO2/ELDO3:voltage from 0.7V~3.3V ,100mV/step,drive capability
200mA
•
DLDO4:voltage from 0.7V~3.3V ,100mV/step,drive capability 100mA
•
DC5LDO:voltage from 0.7V~1.4V ,100mV/step, drive capability 200mA
2 Switch
•
DC1SW:Resistance 160mΩ,power from DCDC1
•
CHGLED:Internal integration NMOS with 100mA drive capability ,can be used to drive
vibration motor and charge LED
5 Synchronous Duck (DC-DC)
•
DCDC1:with Voltage from 1.6V~3.4V ,100mV/step, drive capability 1.4A
•
DCDC2:with Voltage from 0.6V~1.54V ,20mV/step, drive capability 2A, supporting
Voltage Ramp Control(VRC)
•
DCDC3:with Voltage from 0.6V~1.86V ,20mV/step, drive capability 2A
•
DCDC4:with Voltage from 0.6V~1.54V ,20mV/step, drive capability 0.6A
•
DCDC5:with Voltage from 1.0V~2.55V ,50mV/step, drive capability 2A
E-Gauge ™ Fuel Gauge system
•
Built-in high-precision dual-mode automatic metering system
•
Provides high adaptability for different battery under easy mode
•
Provide high-precision measurement of specific cells (2%) under high-precision mode
•
Provide Various Power Management data such as Transient Power Consumption(mA
or mW), Remaining Battery Life(% or mAh),Charge State(%) and Charge Time
•
Two-level Low-Power Warning & Protection
•
Provide AXP223 Die Temperature
Host Interface
•
Host can exchange data with P2WI/RSB(Push-Pull Two Wire Interface/Reduced Serial Bus)
•
Flexible Interrupts Management
•
Flexible Pin Function Configuration. 2 GPIO can be set as IO, ADC and so on
•
On-chip Configurable Timer
•
12 Registers for Data storage during System Power-off
System Management
•
Support Soft Reset and Hard Reset
•
Support Soft Power-off and Hard Power-off,Support external Wakeup Triggers
•
PWROK indicating System Reset or Power-off
•
External Power Detection(Plugin/Removal/Inqualified Drive Capability)
•
Support Soft Power-on for Input & Output
•
Overvoltage/Undervoltage Protection (OVP/UVP)
•
Overcurrent Protection (OCP)
•
Over temperature Protection (OTP)
Highly Integration
•
Internal Reference Voltage with High Accuracy(0.5%)
•
On-chip MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com