Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 5Page - Zilog, Inc. Z87L01 Datasheet HTML 6Page - Zilog, Inc. Z87L01 Datasheet HTML 7Page - Zilog, Inc. Z87L01 Datasheet HTML 8Page - Zilog, Inc. Z87L01 Datasheet HTML 9Page - Zilog, Inc. Z87L01 Datasheet HTML 10Page - Zilog, Inc. Z87L01 Datasheet HTML 11Page - Zilog, Inc. Z87L01 Datasheet HTML 12Page - Zilog, Inc. Z87L01 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
9
1
DC ELECTRICAL CHARACTERISTICS
Conditions for DC characteristics are corresponding oper-
ating conditions, and standard test conditions, unless oth-
erwise specified.
Table 5. 5V
± 0.5V Operation (Z87001)
Symbol
Parameter
Test Condition
Min
Max
Units
VOH
Output High Voltage
VDD min, IOH max
2.4
V
VOHICE
Output High Voltage, ICE pins (1) VDD min, IOHICE max
2.4
V
VOL1
Output Low Voltage
VDD min, IOL1 max
0.6
V
VOL2
Output Low Voltage, GPIO (2)
VDD min, IOL2 max
1.2
V
VOLICE
Output Low Voltage, ICE pins (1) VDD min, IOLICE max
0.4
V
IL
Input Leakage
VIN = 0V, VDD
-2
2
µA
ICC
Supply Current
80
mA
ICC2
Standby Mode Current (3)
4
mA
Notes:
1. ICE pins are addr[15..0], iaddr[15..0], idata[15..0], eib and irwb
2. Maximum 3 pins total from P0[15..0] and P1[15..0]
3. 2.3 mA typical at 25
°C, 5 volts.
Table 6. 3.3V
± 0.3V Operation (Z87L01)
Symbol
Parameter
Test Condition
Min
Max
Units
VOH
Output High Voltage
VDD min, IOH max
1.6
V
VOHICE
Output High Voltage, ICE pins (1)VDD min, IOHICE max
1.6
V
VOL1
Output Low Voltage
VDD min, IOL1 max
0.4
V
VOL2
Output Low Voltage, Ports(2)
VDD min, IOL2 max
1.2
V
VOLICE
Output Low Voltage, ICE pins (1) VDD min, IOLICE max
0.4
V
IL
Input Leakage
VIN = 0V, VDD
-2
2
µA
ICC
Supply Current
55
mA
ICC2
Standby Mode Current(2)
1.4
mA
Notes:
1. ICE pins are addr[15..0], iaddr[15..0], idata[15..0], eib and irwb
2. Maximum 3 pins total from P0[15..0] and P1[15..0]
3. 1.6 mA typical at 25
°C, 3.3 volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com