Electronic Components Datasheet Search
  English  ▼

X  

Z87L01 Datasheet(PDF) 34 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 30Page - Zilog, Inc. Z87L01 Datasheet HTML 31Page - Zilog, Inc. Z87L01 Datasheet HTML 32Page - Zilog, Inc. Z87L01 Datasheet HTML 33Page - Zilog, Inc. Z87L01 Datasheet HTML 34Page - Zilog, Inc. Z87L01 Datasheet HTML 35Page - Zilog, Inc. Z87L01 Datasheet HTML 36Page - Zilog, Inc. Z87L01 Datasheet HTML 37Page - Zilog, Inc. Z87L01 Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
34
P R E L I M I N A R Y
DS96WRL0800
REGISTER DESCRIPTION (Continued)
The bank is selectable in software by writing to the core’s
status register (see Table 24). Once a bank is selected,
each of the eight external registers (EXT0 through EXT7)
can be accessed by a single-cycle software instruction.
Bank 3 Registers
Table 11. Bank Switching
Bank
Status Register
Bank Function
Bank 0
xxxx xxxx x00x xxxx b
Test point access, TDD switching control
Bank 1
xxxx xxxx x01x xxxx b
Rate buffer access, miscellaneous
Bank 2
xxxx xxxx x10x xxxx b
ADPCM processor interface, RF interface, etc.
Bank 3
xxxx xxxx x11x xxxx b
Configuration, status, general-purpose port data and direction
Table 12. Bank 3 Registers
Config 1
Field
Bank 3
Bit Position
EXT0
R/W
Data Description
RESERVED
f---------------
R
W
Returns 0
Must be set to 1
VP_CLOCK
-e--------------
0
1
Controls CLKOUT output pin (clock for ADPCM Processor).
Returns 0
CLOCKOUT=16.384 MHz
CLOCKOUT = 8.192
USE_CORE_BIAS --d-------------
R
W0*
1
Controls which bias value is used by the downconverter’s
NCO as part of the automatic frequency control loop (AFC)
Returns 0
Uses BIAS_ERROR_DATA value from AFC hardware
Uses CORE_BIAS_DATA value from DSP core
SYLE_POLARITY
---c------------
R
W0
1
Controls the polarity of the SYLE output pin (hop pulse)
Returns 0
SYLE is a positive pulse
SYLE is a negative pulse
WINDOW_SIZE
----ba98--------
R
W
0000
0001
•••
1111
Defines the search window size (in bits) for windowed search
mode (for Unique Word or SYNC_D words).
Returns 0
Window size=1
Window size =3 (1
±1)
Window size = 31 (1
± 15)
BIAS_THRESHOL
D
-------76543210
R
W
XXh
Bias estimator threshold value
Returns 0
Sets the bias value
Notes:
1. VP_CLOCK. Internally synchronized to avoid glitches. Changes to this bit take effect immediately.
2. SYLE_POLARITY. Changes to this bit take effect immediately.
3. BIAS_THRESHOLD. The bias threshold must be coded as a negative value
(opposite of the threshold value) coded in 2’s complement. The nominal value for the
threshold is -46 (=D3h). Internally, this value is sign-extended to 13 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com